Part Number Hot Search : 
MSM51 T88SC P1593DN FSL9130R AD8352 93LC76 R8C10 0860C
Product Description
Full Text Search
 

To Download NTMFS4709N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTMFS4709N Power MOSFET
30 V, 94 A, Single N-Channel, SOIC-8 FL
Features
* * * *
Low RDS(on) to Minimize Conduction Losses Low Capacitance to Minimize Driver Losses Optimized Gate Charge to Minimize Switching Losses These are Pb-Free Devices
http://onsemi.com
V(BR)DSS 30 V
RDS(on) Typ 2.85 mW @ 10 V 4.0 mW @ 4.5 V
ID Max 94 A
Applications
* VCORE Applications * DC-DC Converters * Low Side Switching
MAXIMUM RATINGS (TJ=25C unless otherwise stated)
Rating Drain-to-Source Voltage Gate-to-Source Voltage Continuous Drain Current RqJA (Note 1) Power Dissipation RqJA (Note 1) Continuous Drain Current RqJA (Note 2) Power Dissipation RqJA (Note 2) Continuous Drain Current RqJC (Note 1) Power Dissipation RqJC (Note 1) Pulsed Drain Cur rent Current limited by package Operating Junction and Storage Temperature Source Current (Body Diode) Drain to Source Single Pulse Drain-to-Source Avalanche Energy TJ = 25C, VDD = 50 V, VGS = 10 V, IL = 30 Apk, L = 1.0 mH, RG = 25 W Lead Temperature for Soldering Purposes (1/8" from case for 10 s) TA = 25C TA = 85C TA = 25C TA = 25C Steady State TA = 85C TA = 25C TC = 25C TC = 85C TC = 25C TA = 25C, tp = 10 ms TA = 25C PD IDM IDmaxPkg TJ, TSTG IS dV/dt EAS PD ID PD ID Symbol VDSS VGS ID Value 30 20 18 13 2.35 11 8.0 0.91 94 68 62.5 140 140 -55 to +150 62.5 10 450 W A A C A V/ns mJ W A W A Unit V V A
N-Channel D
G S
MARKING DIAGRAM & PIN ASSIGNMENT
D
1
SOIC-8 FLAT LEAD CASE 488AA STYLE 1 4709N A Y WW G
S S S G
D 4709N AYWW G G D
D
= Specific Device Code = Assembly Location = Year = Work Week = Pb-Free Package
(Note: Microdot may be in either location)
ORDERING INFORMATION
Device Package Shipping NTMFS4709NT1G SOIC-8 FL 1500 / ape & Reel T (Pb-Free) NTMFS4709NT3G SOIC-8 FL 5000 / ape & Reel T (Pb-Free) For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
TL
260
C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Surface-mounted on FR4 board using 1 sq-in pad, 1 oz Cu. 2. Surface-mounted on FR4 board using the minimum recommended pad size.
(c) Semiconductor Components Industries, LLC, 2007
1
July, 2007 - Rev. 3
Publication Order Number: NTMFS4709N/D
NTMFS4709N
THERMAL RESISTANCE MAXIMUM RATINGS
Rating Junction-to-Case (Drain) Junction-to-Ambient - Steady State (Note 3) Junction-to-Ambient - Steady State (Note 4) 3. Surface-mounted on FR4 board using 1 sq in pad, 1 oz Cu. 4. Surface-mounted on FR4 board using the minimum recommended pad size. Symbol RqJC RqJA RqJA Value 2.0 53.2 137.8 Unit C/W
ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise specified)
Parameter OFF CHARACTERISTICS Drain-to-Source Breakdown Voltage Drain-to-Source Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current V(BR)DSS V(BR)DSS/T
J
Symbol
Test Condition
Min
Typ
Max
Unit
VGS = 0 V, ID = 250 mA
30 5.6
V mV/C 1.0 10 100 nA mA
IDSS
VGS = 0 V, VDS = 24 V
TJ = 25C TJ = 125C
Gate-to-Source Leakage Current ON CHARACTERISTICS (Note 5) Gate Threshold Voltage Negative Threshold Temperature Coefficient Drain-to-Source On Resistance
IGSS
VDS = 0 V, VGS = 20 V
VGS(TH) VGS(TH)/TJ RDS(on)
VGS = VDS, ID = 250 mA
1.0 5.6
3.0
V mV/C
VGS = 11.5 V
ID = 30 A ID = 15 A
2.8 2.8 2.85 4.0 4.0 41 S 3.6 5.5 mW
VGS = 10 V VGS = 4.5 V
ID = 30 A ID = 30 A ID = 15 A
Forward Transconductance CHARGES AND CAPACITANCES Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Threshold Gate Charge Gate-to-Source Charge Gate-to-Drain Charge Total Gate Charge Threshold Gate Charge Gate-to-Source Charge Gate-to-Drain Charge SWITCHING CHARACTERISTICS (Note 6) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time
gFS
VDS = 15 V, ID = 15 A
CISS COSS CRSS QG(TOT) QG(TH) QGS QGD QG(TOT) QG(TH) QGS QGD VGS = 11.5 V, VDS = 15 V; ID = 30 A VGS = 4.5 V, VDS = 15 V; ID = 30 A VGS = 0 V, f = 1 MHz, VDS = 12 V
2370 1240 305 20 2.4 4.5 11 48 4.0 6.5 10.6 nC nC pF
td(ON) tr td(OFF) tf VGS = 4.5 V, VDS = 15 V, ID = 30 A, RG = 3.0 W
16 173 20 105 ns
5. Pulse Test: pulse width "300 ms, duty cycle "2% 6. Switching characteristics are independent of operating junction temperatures.
http://onsemi.com
2
NTMFS4709N
ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise specified)
Parameter SWITCHING CHARACTERISTICS (Note 6) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time DRAIN-SOURCE DIODE CHARACTERISTICS Forward Diode Voltage VSD VGS = 0 V, IS = 20 A VGS = 0 V, IS = 50 A VGS = 0 V, IS = 20 A Reverse Recovery Time Charge Time Discharge Time Reverse Recovery Charge Package Parasitic Values Gate Resistance RG TA = 25C 0.65 W tRR ta tb QRR VGS = 0 V, dIS/dt = 100 A/ms, IS = 25 A TJ = 25C TJ = 25C TJ = 125C 0.75 0.85 0.7 48 23 25 55 nC ns 1.0 V td(ON) tr td(OFF) tf VGS = 11.5 V, VDS = 15 V, ID = 30 A, RG = 3.0 W 8.5 87 31.5 8.5 ns Symbol Test Condition Min Typ Max Unit
5. Pulse Test: pulse width "300 ms, duty cycle "2% 6. Switching characteristics are independent of operating junction temperatures.
http://onsemi.com
3
NTMFS4709N
60 50 40 30 20 10 2.2 V 0 0 2 4 6 8 10 VDS, DRAIN-TO-SOURCE VOLTAGE (V) 0 0 1 2 2.6 V 10 V 4.5 V 3.5 V VGS = 3 V ID, DRAIN CURRENT (A) 60 TJ = 25C 50 40 30 20 10 TJ = 125C TJ = 25C TJ = -55C 3 4 5 VDS 10 V
ID, DRAIN CURRENT (A)
VGS, GATE-TO-SOURCE VOLTAGE (V)
Figure 1. On-Region Characteristics
RDS(on), DRAIN-TO-SOURCE RESISTANCE (W) RDS(on), DRAIN-TO-SOURCE RESISTANCE (W) 0.006 VGS = 11.5 V 0.005 T = 125C 0.004 0.003 T = 25C 0.002 0.001 0 0 10 20 30 40 50 60 ID, DRAIN CURRENT (A) T = -55C T = 150C 0.005
Figure 2. Transfer Characteristics
TJ = 25C 0.004 VGS = 4.5 V
0.003 VGS = 11.5 V 0.002
0.001 0 0 10 20 30 40 50 60 ID, DRAIN CURRENT (A)
Figure 3. On-Resistance versus Drain Current and Temperature
RDS(on), DRAIN-TO-SOURCE RESISTANCE (NORMALIZED) 2 ID = 30 A VGS = 10 V 1.5 IDSS, LEAKAGE (nA) 10000 100000
Figure 4. On-Resistance versus Drain Current and Gate Voltage
VGS = 0 V
TJ = 150C
1
1000
0.5
TJ = 125C
0 -50
100 -25 0 25 50 75 100 125 150 0 5 10 15 20 25 30 TJ, TEMPERATURE (C) VDS, DRAIN-TO-SOURCE VOLTAGE (V)
Figure 5. On-Resistance Variation with Temperature
Figure 6. Drain-to-Source Leakage Current versus Voltage
http://onsemi.com
4
NTMFS4709N
VGS, GATE-TO-SOURCE VOLTAGE (V) 4000 TJ = 25C CISS C, CAPACITANCE (pF) 3000 CISS 2000 CRSS 1000 COSS CRSS 10 15 20 25 12 10 8 6 4 2 0 0 10 20 30 Qg, TOTAL GATE CHARGE (nC) Qgs Qgd QT
0 10
VDS = 0 V 5 VGS 0
VGS = 0 V 5 VDS
ID = 30 A TJ = 25C 40 50
GATE-TO-SOURCE OR DRAIN-TO-SOURCE VOLTAGE (V)
Figure 7. Capacitance Variation
Figure 8. Gate-to-Source and Drain-to-Source Voltage versus Total Charge
1000
30 VDD = 15 V ID = 30 A VGS = 11.5 V tr td(off) tf VGS = 0 V TJ = 25C IS, SOURCE CURRENT (A)
t, TIME (ns)
100
20
10
td(on)
10
1 1 10 RG, GATE RESISTANCE (W) 100
0 0 0.2 0.4 0.6 0.8 1 VSD, SOURCE-TO-DRAIN VOLTAGE (V)
Figure 9. Resistive Switching Time Variation versus Gate Resistance
EAS, SINGLE PULSE DRAIN-TO-SOURCE AVALANCHE ENERGY (mJ) 700
Figure 10. Diode Forward Voltage versus Current
ID = 36 A 600 500 400 300 200 100 0 25 50 75 100 125 150
TJ, STARTING JUNCTION TEMPERATURE (C)
Figure 11. Maximum Avalanche Energy versus Starting Junction Temperature
http://onsemi.com
5
NTMFS4709N
PACKAGE DIMENSIONS
DFN6 5x6, 1.27P (SO8 FL) CASE 488AA-01 ISSUE C
2X NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION D1 AND E1 DO NOT INCLUDE MOLD FLASH PROTRUSIONS OR GATE BURRS. 2X
0.20 C D 2 D1
6 5
A B
0.20 C
4X
E1 2 E c
1 2 3 4
q
A1
TOP VIEW
3X
C
SEATING PLANE
0.10 C A 0.10 C SIDE VIEW
8X
e DETAIL A
DIM A A1 b c D D1 D2 E E1 E2 e G K L L1 M q
MILLIMETERS MIN NOM MAX 0.90 1.00 1.10 0.00 --0.05 0.33 0.41 0.51 0.23 0.28 0.33 5.15 BSC 4.50 4.90 5.10 3.50 --4.22 6.15 BSC 5.50 5.80 6.10 3.45 --4.30 1.27 BSC 0.51 0.61 0.71 0.51 ----0.51 0.61 0.71 0.05 0.17 0.20 3.00 3.40 3.80 0_ --12 _
SOLDERING FOOTPRINT*
DETAIL A
3X 4X
b e/2
1 4 STYLE 1: PIN 1. SOURCE 2. SOURCE 3. SOURCE 4. GATE 5. DRAIN 6. DRAIN
1.270
0.750
4X
0.10 0.05
CAB c L
1.000
0.965 1.330
2X
K E2 L1
6 5
0.905 4.530 0.475
2X
0.495 M 3.200
G
D2 BOTTOM VIEW 4.560
2X
1.530
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P Box 5163, Denver, Colorado 80217 USA .O. Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
6
NTMFS4709N/D


▲Up To Search▲   

 
Price & Availability of NTMFS4709N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X